Part Number Hot Search : 
TCZX3V6 11DQ06 SMAJ22 74LVC1G 2SD1624 4D391 S117NF SKY77762
Product Description
Full Text Search
 

To Download SS12SDP2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Miniature Slides
Series SS
Distinctive Characteristics
Top or side actuation permits flexible board design. Compact dimensions and low profile allow high density mounting and close stacking of PC boards. Crisp actuation positively indicates circuit status. Double molded thermoset base and thermoplastic housing prevent loosening of terminals due to high soldering temperatures. Award-winning STC mechanism with benefits unavailable in conventional mechanisms: smoother, positive detend actuation, increased contact stability, and unparalleled logic-level reliability. (Additional STC details in Terms and Acronyms in the Supplement section.) Insert molded terminals lock out flux, solvents, and other contaminants. Inch or metric terminal spacing for standard PC board grid (.100" x .100" or 2.0mm x 2.0mm).
Actual Size
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Miniature Slides
Series SS
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code 2): Logic Level (code 4): 0.1A @ 30V DC 0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V) Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Contact Timing: Total Travel:
20 milliohms maximum for power level; 40 milliohms maximum for logic level 100 megohms minimum @ 500V DC 500V AC minimum 1 minute minimum 10,000 operations minimum 10,000 operations minimum Shorting (make-before-break) .079" (2.0mm)
Materials & Finishes
Actuator: Upper Case: Lower Case:
Movable Contactor: Interior Base: Terminals:
Polyamide Polyester for 3-On models; polyacetal for all other models Glass fiber reinforced polyester for 3-On models; glass fiber reinforced polybutylene terephthalate (thermoplastic) for other models Phosphor bronze with silver plating (code 2) or phosphor bronze with gold plating (code 4) Phenolic resin (thermoset) Brass with silver plating over copper plating or brass with gold plating
Environmental Data
Operating Temp Range: Humidity: Vibration: Shock:
-15C through +60C (+5F through +140F) 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering: Cleaning:
Wave Soldering: See Profile B in Supplement section. Manual Solder: See Profile B in Supplement section. Hand clean locally using alcohol based solution.
Standards & Certifications
UL Recognition or CSA Certification: The SS series devices have not been tested for UL recognition and CSA certification. These switches are designed for se in a low-voltage, low-current circuit. When used as intended in a low-voltage, low-current circuit, the results do not produce hazardous energy.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Miniature Slides
TYPICAL SWITCH ORDERING EXAMPLE
Series SS 2
SS
POLES & CIRCUITS
12S *14M 22S SPDT SP3T DPDT ON ON ON NONE ON NONE ON ON ON
12S
D
P
CONTACT MATERIAL & RATINGS
2 *4 Silver Rated 0.1A @ 30V DC Gold Rated 0.4VA maximum @ 28V AC/DC maximum
See Poles & Circuits chart below. * 14M Circuit with silver contacts only.
* Gold not available with SS14M.
TERMINAL SPACING
B D Metric 2.0mm x 2.0mm Inch .100" x .100" P H
ACTUATION
Top Actuated Side Actuated
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
SS12SDP2
Top Actuated Silver Contacts Rated 0.1A @ 30V DC
SPDT ON-NONE-ON Circuit Terminals with .100" Spacing
POLES & CIRCUITS
Slide Position Right Pole SP Model SS12S ON NONE ON 2-1 OPEN 2-3 Center Left Connected Terminals Right Center Left Note: Terminal numbers are not actually on switch. Throw & Schematics
SPDT
1 2 (COM) 3
Make-Before-Break SP SS14M ON ON ON 3-4 3-2 3-1 SP3T
4 3 (COM) 2 1
ON-OFF-ON circuit can be created by not connecting terminal 2.
DP
SS22S
ON
NONE
ON
2-1 5-4
OPEN
2-3 5-6
DPDT
1 2 (COM) 3 4 5 (COM) 6
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Miniature Slides
TERMINAL SPACING B
Metric 2.0mm x 2.0mm with Black Base
(0.4) Typ .016 (2.0) Typ .079 (0.6) Typ .024 (4.0) .157 (3.4) .134 (10.2) .402 (0.4) Typ .016 (2.0) Typ .079 (0.6) Typ .024 (6.0) .236 (2.0) .079 (4.0) .157 (2.0) Typ .079 (0.6) Typ .024 (4.0) .157 (2.0) Typ .079
Series SS
(0.4) Typ .016
(3.4) .134 (10.0) .394
(3.4) .134
4 3 2 1
4 1 2 3
1 2 3
(2.0) Typ .079
5 6
(4.0) .157
(0.8) Dia Typ .031 (0.8) Dia Typ .031 (2.0) .079
(2.0) Typ .079 (0.8) Dia Typ .031
On-None-On Single Pole Models
On-None-On Double Pole Models
3-On Models
D
Inch .100" x .100" with Gray Base
(0.4) Typ .016 (2.54) Typ .100 (0.6) Typ .024 (4.0) .157 (3.4) .134 (0.4) Typ .016 (2.54) Typ .100 (0.6) Typ .024 (10.2) .402 (6.54) .257 (2.54) .100 (0.4) Typ .016 (5.08) .200 (2.54) Typ .100 (0.6) Typ .024 (4.0) .157
4 4 1 2 3 1 2 3
(3.4) .134 (10.2) .402 (2.54) Typ .100
(3.4) .134
3 2 1
(5.08) .200
(2.54) Typ .100
5 6
(0.8) Dia Typ .031 (0.8) Dia Typ .031 (2.54) .100
(2.54) Typ .100 (0.8) Dia Typ .031
On-None-On Single Pole Models
On-None-On Double Pole Models
3-On Models
ACTUATION P
Top Actuated
(1.2) .047 (1.5) .059 (2.0) .079
H
Side Actuated
(2.5) .098
(1.2) .047 (1.5) .059
CONTACT MATERIALS & RATINGS 2 4
Silver over Phosphor Bronze Power Level 0.1A @ 30V DC
Gold over Silver/Phosphor Bronze
Logic Level
0.4VA max @ 28V AC/DC max
Complete explanation of operating range in Supplement section.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07
Ultra-Miniature Slides
TYPICAL SWITCH DIMENSIONS
Top Actuated Single & Double Pole
Series SS
(2.0) Travel .079
(3.3) .130
(3.0) .118 (0.6) Typ .024 (2.54) Typ .100 (0.4) .016
1 2 3
(10.2) .402
1 2 3
4 5 6
(10.2) .402 (0.4) Typ .016 (2.54) .100
(1.2) .047
(4.0) .157
(1.2) .047 (6.54) .257
(1.5) .059 (2.0) .079
(4.5) .177
(0.4) .016
SS12SDP2
Side Actuated
Single & Double Pole
(1.2) .047 (3.5) .138
(3.3) .130
(2.0) Travel .079
(3.3) .130
(2.0) Travel .079
(0.6) Typ .024
1 2 3
(1.5) .059 (2.5) .098 (4.0) .157 (6.54) .257
(1.5) .059 (2.5) .098 (5.0) .197
(2.54) Typ .100 (0.4) .016 (3.0) .118
(10.2) .402
1 2 3
4 5 6
(10.2) .402 (0.4) Typ .016 (2.54) .100
(0.4) .016
SS12SDH2
3-On Circuit * Top Actuated
Single Pole
(2.0) Travel Typ .079 (0.4) .016 (0.6) Typ .024 (5.08) .200 (2.54) Typ .100 (3.0) .118
4
3 2 1
(15.8) .622
(1.2) .047 (4.0) .157
(1.5) .059 (2.0) .079
(4.5) .177
(0.4) .016
SS14MDP2
3-On Circuit * Side Actuated
Single Pole
(3.5) .138 (2.0) Travel Typ .079
(0.4) .016 (0.6) Typ .024 (5.08) .200
4 3 2 1
(15.8) .622
(1.5) .059 (2.5) .098 (4.0) .157
(1.2) .047 (5.0) .197
(2.54) Typ .100 (3.0) .118
(0.4) .016
SS14MDH2 NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07


▲Up To Search▲   

 
Price & Availability of SS12SDP2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X